Part Number Hot Search : 
ACTF4008 FT256I M5130 NTE5289 XMG16 LM358MX UMF28N 1N4110
Product Description
Full Text Search
 

To Download BAS40WT-04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bas40wt /-04/-05/-06 200mw 40volt plastic-encapsulate diode features x pow dissipation pd=200mw tamb=25 : x forward current i f =200ma x breakdown voltage v b r=40v electrical characteristics @ 25 q c unless otherwise specified reverse breakdown voltage v (br)r 40v i r =10a maximum instantaneous forward voltage v f 380mv 1000mv i fm = 1ma; i fm = 40ma; maximum dc reverse current at rated dc blocking voltage i r 1u av r =30volts typical junction capacitance c d 5pf measured at 1.0mhz, v r =0v reverse recovery time t rr 5ns i f =10ma through i r =10ma to i r =1ma  
 omp onents 20736 marilla street chatsworth       
     m cc sot-323 suggested solder pad layout inches mm dim min max min max note a .071 .087 1.80 2.20 b .045 .053 1.15 1.35 c .083 .096 2.10 2.45 d .026 nominal 0.65nominal e .047 .055 1.20 1.40 f .012 .016 .30 .40 g .000 .004 .000 .100 h .035 .039 .90 1.00 j .004 .010 .100 .250 k .006 .016 .15 .40 a c b d e f g h j 1.90 0.70 0.90 0.65 0.65 dimensions k w w w. m c c se m i .c om revision: d 2013/09/24 tm micro commercial components 1 of 3 x operating temperature: -55 : to +150 : x storage temperature: -55 : to +150 : maximum ratings epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1 h alogen free available upon request by adding suffix "-hf" lead free finish/rohs compliant ("p"suffix designates rohs compliant. see ordering information) downloaded from: http:///
0 1 3 2 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f = 1mhz 0.1 1 10 100 1000 10000 0 10 20 30 40 v , instantaneous reverse voltage (v) r fig. 2 typical reverse characteristics i , instantane o us reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0.01 0.1 1 0.001 0.0001 0 1.0 0.6 0.8 0.4 0.2 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 1 typical forward voltage t = -40oc a t = 125oc a t = 75oc a t = 25oc a t = 0oc a w w w. m c c se m i .c om revision: b 20 1 3 /01/01 bas40wt marking:43/k43/s40 BAS40WT-04 ma rking:44/k44/s42 bas40wt-05 marking:45/k45/s43 bas40wt-06 marking:46/k46/s44 m cc bas40wt tm micro commercial components 2 of 3 downloaded from: http:///
m cc revision: b 20 1 3 /01/01 tm micro commercial components w w w. m c c se m i .c om 3 of 3 d e vi c e p ac k i n g p a r t n u m b e r- t p t a p e & r ee l : 3 k p c s / r e e l o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BAS40WT-04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X